Part Number Hot Search : 
F1002 KSD986 19NC60 GF1050C AMPHENOL KP8M7 DF150 BT134
Product Description
Full Text Search
 

To Download 74LVC1G57GF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74lvc1g57 provides con?gurable multiple functions. the output state is determined by eight patterns of 3-bit input. the user can choose the logic functions and, or, nand, nor, xnor, inverter and buffer. all inputs can be connected to v cc or gnd. inputs can be driven from either 3.3 v or 5 v devices. this feature allows the use of this device in a mixed 3.3 v and 5 v environment. this device is fully speci?ed for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging back?ow current through the device when it is powered down. all inputs (a, b and c) have schmitt trigger action. they are capable of transforming slowly changing input signals into sharply de?ned, jitter-free output signals. 2. features n wide supply voltage range from 1.65 v to 5.5 v n 5 v tolerant input/output for interfacing with 5 v logic n high noise immunity n complies with jedec standard: u jesd8-7 (1.65 v to 1.95 v) u jesd8-5 (2.3 v to 2.7 v) u jesd8b/jesd36 (2.7 v to 3.6 v) n 24 ma output drive (v cc = 3.0 v) n esd protection: u hbm jesd22-a114e exceeds 2000 v u mm jesd22-a115-a exceeds 200 v n cmos low power consumption n latch-up performance exceeds 250 ma n direct interface with ttl levels n inputs accept voltages up to 5 v n multiple package options n speci?ed from - 40 cto+85 c and - 40 c to +125 c 74lvc1g57 low-power con?gurable multiple function gate rev. 03 19 july 2007 product data sheet
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 2 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 3. ordering information 4. marking 5. functional diagram table 1. ordering information type number package temperature range name description version 74lvc1g57gw - 40 c to +125 c sc-88 plastic surface-mounted package; 6 leads sot363 74lvc1g57gv - 40 c to +125 c sc-74 plastic surface-mounted package (tsop6); 6 leads sot457 74lvc1g57gm - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1.45 0.5 mm sot886 74LVC1G57GF - 40 c to +125 c xson6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 1 0.5 mm sot891 table 2. marking type number marking code 74lvc1g57gw yc 74lvc1g57gv v57 74lvc1g57gm yc 74LVC1G57GF yc fig 1. logic symbol y c b a 6 1 3 4 001aab583
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 3 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. fig 2. pin con?guration sot363 (sc-88) and sot457 (sc-74) fig 3. pin con?guration sot886 (xson6) fig 4. pin con?guration sot891 (xson6) 74lvc1g57 bc gnd ay 001aaf138 1 2 3 6 v cc 5 4 74lvc1g57 gnd 001aaf139 b a v cc c y transparent top view 2 3 1 5 4 6 74lvc1g157 gnd 001aaf140 b a v cc c y transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description b 1 data input gnd 2 ground (0 v) a 3 data input y 4 data output v cc 5 supply voltage c 6 data input table 4. function table [1] input output c b a y lllh llhl lhlh l hhl hlll hl hl hhl h hhhh
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 4 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 7.1 logic con?gurations table 5. function selection table logic function figure 2-input and see figure 5 2-input and with both inputs inverted see figure 8 2-input nand with inverted input see figure 6 and figure 7 2-input or with inverted input see figure 6 and figure 7 2-input nor see figure 8 2-input nor with both inputs inverted see figure 5 2-input xnor see figure 9 inverter see figure 10 buffer see figure 11 fig 5. 2-input and gate or 2-input nor gate with both inputs inverted fig 6. 2-input nand gate with input b inverted or 2-input or gate with inverted c input 001aab584 b b6 y c 1 5 2 4 3y y c b c v cc 001aab585 b b6 y c 1 5 2 4 3y y c b c v cc fig 7. 2-input nand gate with input c inverted or 2-input or gate with inverted a input fig 8. 2-input nor gate or 2-input and gate with both inputs inverted 001aab586 a a 6 y c 1 5 2 4 3y y c a c v cc 001aab587 a 6c 1 5 2 4 3y v cc a y c y a c fig 9. 2-input xnor gate fig 10. inverter 001aab588 b6c 1 5 2 4 3y v cc y b c 001aab589 a a 6 y 1 5 2 4 3y v cc
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 5 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 8. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] when v cc = 0 v (power-down mode), the output voltage can be 5.5 v in normal operation. [3] for sc-88 and sc-74 packages: above 87.5 c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 45 c the value of p tot derates linearly with 2.4 mw/k. 9. recommended operating conditions fig 11. buffer 001aab590 b b6 y 1 5 2 4 3y v cc table 6. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +6.5 v i ik input clamping current v i <0v - 50 - ma v i input voltage [1] - 0.5 +6.5 v i ok output clamping current v o >v cc or v o <0v - 50 ma v o output voltage active mode [1] [2] - 0.5 +6.5 v power-down mode [1] [2] - 0.5 +6.5 v i o output current v o =0vtov cc - 50 ma i cc supply current - +100 ma i gnd ground current - 100 - ma t stg storage temperature - 65 +150 c p tot total power dissipation t amb = - 40 c to +125 c [3] - 250 mw table 7. recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 1.65 - 5.5 v v i input voltage 0 - 5.5 v v o output voltage active mode 0 - v cc v v cc = 0 v; power-down mode 0 - 5.5 v t amb ambient temperature - 40 - +125 c
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 6 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 10. static characteristics [1] typical values are measured at maximum v cc and t amb =25 c. table 8. static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max v ol low-level output voltage v i =v cc or gnd i o = 100 m a; v cc = 1.65 v to 5.5 v - - 0.1 - 0.1 v i o = 4 ma; v cc = 1.65 v - - 0.45 - 0.7 v i o = 8 ma; v cc = 2.3 v - - 0.3 - 0.45 v i o = 12 ma; v cc = 2.7 v - - 0.4 - 0.6 v i o = 24 ma; v cc = 3.0 v - - 0.55 - 0.8 v i o = 32 ma; v cc = 4.5 v - - 0.55 - 0.8 v v oh high-level output voltage v i =v cc or gnd i o = - 100 m a; v cc = 1.65 v to 5.5 v v cc - 0.1 - - v cc - 0.1 - v i o = - 4 ma; v cc = 1.65 v 1.2 - - 0.95 - v i o = - 8 ma; v cc = 2.3 v 1.9 - - 1.7 - v i o = - 12 ma; v cc = 2.7 v 2.2 - - 1.9 - v i o = - 24 ma; v cc = 3.0 v 2.3 - - 2.0 - v i o = - 32 ma; v cc = 4.5 v 3.8 - - 3.4 - v i i input leakage current v i = 5.5 v or gnd; v cc = 0 v to 5.5 v - 0.1 5- 100 m a i off power-off leakage current v i or v o = 5.5 v; v cc = 0 v - 0.1 10 - 200 m a i cc supply current v i = 5.5 v or gnd; i o =0a; v cc = 1.65 v to 5.5 v - 0.1 10 - 200 m a d i cc additional supply current v i =v cc - 0.6 v; i o =0a; v cc = 2.3 v to 5.5 v - 5 500 - 5000 m a c i input capacitance - 2.5 - - - pf
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 7 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 11. dynamic characteristics [1] typical values are measured at nominal v cc and at t amb =25 c. [2] t pd is the same as t plh and t phl [3] c pd is used to determine the dynamic power dissipation (p d in m w). p d = c pd v cc 2 f i n + s (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; s (c l v cc 2 f o ) = sum of outputs. 12. waveforms table 9. dynamic characteristics voltages are referenced to gnd (groun d = 0 v); for load circuit see figure 13 . symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max t pd propagation delay a, b, c to y; see figure 12 [2] v cc = 1.65 v to 1.95 v 1.0 6.0 14.4 1.0 18 ns v cc = 2.3 v to 2.7 v 0.5 3.5 8.3 0.5 10.4 ns v cc = 2.7 v 0.5 4.2 8.5 0.5 10.6 ns v cc = 3.0 v to 3.6 v 0.5 3.8 6.3 0.5 7.9 ns v cc = 4.5 v to 5.5 v 0.5 3.0 5.1 0.5 6.4 ns c pd power dissipation capacitance v cc = 3.3 v; v i = gnd to v cc [3] -22- - -pf measurement points are given in t ab le 10 . v ol and v oh are typical output voltage levels that occur with the output load. fig 12. input a, b and c to output y propagation delay times y output a, b, c input y output gnd v i v oh v oh v ol v ol v m v m v m v m v m v m t plh t plh t phl t phl 001aab593
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 8 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate table 10. measurement points supply voltage input output v cc v m v i v m 1.65 v to 1.95 v 0.5v cc v cc 0.5v cc 2.3 v to 2.7 v 0.5v cc v cc 0.5v cc 2.7 v 1.5 v 2.7 v 1.5 v 3.0 v to 3.6 v 1.5 v 2.7 v 1.5 v 4.5 v to 5.5 v 0.5v cc v cc 0.5v cc measurement points are given in t ab le 11 . de?nitions test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 13. load circuit for switching times v ext v cc v i v o mna616 dut c l r t r l r l g table 11. measurement points supply voltage input load v ext v cc v i t r =t f c l r l t plh , t phl 1.65 v to 1.95 v v cc 2.0 ns 30 pf 1 k w open 2.3 v to 2.7 v v cc 2.0 ns 30 pf 500 w open 2.7 v 2.7 v 2.5 ns 50 pf 500 w open 3.0 v to 3.6 v 2.7 v 2.5 ns 50 pf 500 w open 4.5 v to 5.5 v v cc 2.5 ns 50 pf 500 w open
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 9 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 13. transfer characteristics [1] typical values are measured at t amb =25 c. 14. waveforms transfer characteristics table 12. transfer characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions - 40 c to +85 c - 40 c to +125 c unit min typ [1] max min max v t+ positive-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.70 1.02 1.20 0.67 1.20 v v cc = 2.3 v 1.11 1.42 1.60 1.08 1.60 v v cc = 3.0 v 1.50 1.79 2.00 1.47 2.00 v v cc = 4.5 v 2.16 2.52 2.74 2.13 2.74 v v cc = 5.5 v 2.61 2.99 3.33 2.58 3.33 v v t - negative-going threshold voltage see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.53 0.72 0.30 0.75 v v cc = 2.3 v 0.58 0.77 1.00 0.58 1.03 v v cc = 3.0 v 0.80 1.04 1.30 0.80 1.33 v v cc = 4.5 v 1.21 1.55 1.90 1.21 1.93 v v cc = 5.5 v 1.45 1.86 2.29 1.45 2.32 v v h hysteresis voltage (v t+ - v t - ) see figure 14 , figure 15 , figure 16 and figure 17 v cc = 1.8 v 0.30 0.48 0.62 0.23 0.62 v v cc = 2.3 v 0.40 0.64 0.80 0.34 0.80 v v cc = 3.0 v 0.50 0.75 1.00 0.44 1.00 v v cc = 4.5 v 0.71 0.97 1.20 0.65 1.20 v v cc = 5.5 v 0.71 1.13 1.40 0.65 1.40 v v t+ and v t - limits are at 70 % and 20 %. fig 14. transfer characteristic fig 15. de?nition of v t+ , v t - and v h mna207 v o v i v h v t+ v t - mna208 v o v i v h v t+ v t -
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 10 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate v t+ and v t - limits are at 70 % and 20 %. fig 16. transfer characteristic fig 17. de?nition of v t+ , v t - and v h mnb154 v o v h v i v t+ v t - mnb155 v o v i v h v t+ v t - fig 18. typical 74lvc1g57 transfer characteristic; v cc = 3.0 v 001aab594 v i (v) 03 2 1 8 4 12 16 i cc (ma) 0
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 11 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 15. package outline fig 19. package outline sot363 (sc-88) references outline version european projection issue date iec jedec jeita sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 6 plastic surface-mounted package; 6 leads sot363 unit a 1 max b p cd e e 1 h e l p qy w v mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 12 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate fig 20. package outline sot457 (sc-74) references outline version european projection issue date iec jedec jeita sot457 sc-74 wb m b p d e pin 1 index a a 1 l p q detail x h e e v m a a b y scale c x 13 2 4 5 6 0 1 2 mm plastic surface-mounted package (tsop6); 6 leads sot457 unit a 1 b p cd e h e l p qy w v mm 0.1 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 05-11-07 06-03-16
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 13 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate fig 21. package outline sot886 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886 04-07-15 04-07-22 dimensions (mm are the original dimensions) xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 1.5 1.4 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 6 2 5 3 4 6 (2) 4 (2) a
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 14 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate fig 22. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 15 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 16. abbreviations 17. revision history table 13. abbreviations acronym description cmos complementary metal oxide semiconductor ttl transistor-transistor logic hbm human body model esd electrostatic discharge mm machine model dut device under test table 14. revision history document id release date data sheet status change notice supersedes 74lvc1g57_3 20070719 product data sheet - 74lvc1g57_2 modi?cations: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. ? section 10 static char acter istics : changed: conditions for input leakage current and supply current. ? new package outline drawing for xson6/sot891. 74lvc1g57_2 20060911 product data sheet - 74lvc1g57_1 74lvc1g57_1 20040906 product data sheet - -
74lvc1g57_3 ? nxp b.v. 2007. all rights reserved. product data sheet rev. 03 19 july 2007 16 of 17 nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term short data sheet is explained in section de?nitions. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple dev ices. the latest product status information is available on the internet at url http://www .nxp .com . 18.2 de?nitions draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modi?cations or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales of?ce. in case of any inconsistency or con?ict with the short data sheet, the full data sheet shall prevail. 18.3 disclaimers general information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation speci?cations and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of a nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. limiting values stress above one or more limiting values (as de?ned in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. exposure to limiting values for extended periods may affect device reliability. terms and conditions of sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www .nxp .com/pro? le/ter ms , including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or con?ict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. 18.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. 19. contact information for additional information, please visit: http://www .nxp.com for sales of?ce addresses, send an email to: salesad dresses@nxp.com document status [1] [2] product status [3] de?nition objective [short] data sheet development this document contains data from the objective speci?cation for product development. preliminary [short] data sheet quali?cation this document contains data from the preliminary speci?cation. product [short] data sheet production this document contains the product speci?cation.
nxp semiconductors 74lvc1g57 low-power con?gurable multiple function gate ? nxp b.v. 2007. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 19 july 2007 document identifier: 74lvc1g57_3 please be aware that important notices concerning this document and the product(s) described herein, have been included in section legal information. 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 7.1 logic con?gurations . . . . . . . . . . . . . . . . . . . . . 4 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 5 9 recommended operating conditions. . . . . . . . 5 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 6 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 13 transfer characteristics. . . . . . . . . . . . . . . . . . . 9 14 waveforms transfer characteristics . . . . . . . . . 9 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 16 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 18.2 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 18.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 19 contact information. . . . . . . . . . . . . . . . . . . . . 16 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


▲Up To Search▲   

 
Price & Availability of 74LVC1G57GF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X